Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LG A67K-G2K1-24 Datasheet (PDF) - ams-OSRAM AG

LG A67K-G2K1-24 Datasheet PDF - ams-OSRAM AG
Part # LG A67K-G2K1-24
Download  LG A67K-G2K1-24 Download
File Size   1841.41 Kbytes
Page   24 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description SIDELED®

LG A67K-G2K1-24 Datasheet (PDF)

Go To PDF Page Download Datasheet
LG A67K-G2K1-24 Datasheet PDF - ams-OSRAM AG

Part # LG A67K-G2K1-24
Download  LG A67K-G2K1-24 Click to download

File Size   1841.41 Kbytes
Page   24 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description SIDELED®

LG A67K-G2K1-24 Datasheet (HTML) - ams-OSRAM AG


LG A67K-G2K1-24 Product details

Applications
- Ambient Lighting
Features
- Package: white SMT package, colorless clear resin
- Chip technology: InGaAlP
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 570 nm (● green)
- Corrosion Robustness Class: 3B
- Qualifications: The product qualification test plan is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade Discrete Semiconductors.
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)





Similar Part No. - LG A67K-G2K1-24

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LG A676-P1Q2-24 AMSOSRAM-LG A676-P1Q2-24 Datasheet
1Mb / 21P
SIDELED®
2019-07-16
More results


Similar Description - LG A67K-G2K1-24

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-A676-P2S1-1-Z OSRAM-LS-A676-P2S1-1-Z Datasheet
448Kb / 19P
SIDELED
LY-A67K-K2M1-26-Z OSRAM-LY-A67K-K2M1-26-Z Datasheet
472Kb / 19P
SIDELED
LTA673 OSRAM-LTA673 Datasheet
588Kb / 21P
SIDELED
LTA67C OSRAM-LTA67C Datasheet
582Kb / 21P
SIDELED
SFH-325 OSRAM-SFH-325 Datasheet
401Kb / 15P
SIDELED
logo
ams AG
LOA67B AMSCO-LOA67B Datasheet
1Mb / 23P
SIDELED®
Version 1.2 2019-07-16
LOA67F AMSCO-LOA67F Datasheet
1Mb / 23P
SIDELED® Ambient Lighting
Version 1.9 2022-09-01
LOA67K AMSCO-LOA67K Datasheet
1Mb / 23P
SIDELED® Ambient Lighting
Version 1.6 2022-09-01
LGA676 AMSCO-LGA676 Datasheet
1Mb / 21P
SIDELED®
Version 1.3 2019-07-16
LGA67K AMSCO-LGA67K Datasheet
1Mb / 24P
SIDELED®
Version 1.5 2022-08-04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com